PART |
Description |
Maker |
FLEX10K FLEX10KA FLEXB10KA FLEXB10KE |
Embedded Programmable Logic Family
|
Altera Corporation
|
QL5030 QL5030_DS |
33 MHz/32-bit PCI Target with Embedded Programmable Logic
and Dual Port SRAM From old datasheet system
|
quicklogic
|
PLS153 PLS153A PLS153AA PLS153AN PLS153N |
Programmable logic arrays 18 42 10 OT PLD, 30 ns, PDIP20 Programmable logic arrays 18 42 10 OT PLD, 30 ns, PQCC20 Programmable logic arrays 18 42 10 可编程逻辑阵列18420 Programmable logic arrays 18 × 42 × 10 Programmable logic arrays 18 42 10 Programmable logic arrays 18 】 42 】 10
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
EPF10K130E EPF10K100E EPF10K30E EPF10K50EFC484-1 E |
Embedded Programmable Logic Device
|
Altera Corporation http://
|
PLS100 PLS101N PLS101A PLS101 |
Programmable logic arrays 16 ??48 ??8 Programmable logic arrays 16 48 8 (PLS100 / PLS101) Programmable logic arrays 16 x 48 x 8 Programmable logic arrays 16 48 8 Programmable logic arrays 16 】 48 】 8 Programmable logic arrays 16 × 48 × 8
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
DCG015 |
MACH4 ISP EEPLD, SMD, TQFP144, 5V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:5V; Case style:TQFP; Base number:4; I/O lines, No. of:96; Logic function number:M4; Macrocells, No. of:192; Pins, RoHS Compliant: Yes High-Speed Switching Diode
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
M4A3-256/128-7FANI M4A3-256/128-7FANC M4-192/96-14 |
EE PLD, 7.5 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 7.5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 EE PLD, 10 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144 EE PLD, 6 ns, PQFP144 LEAD FREE, TQFP-144 EE PLD, 7.5 ns, PQFP144 LEAD FREE, TQFP-144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQCC44 EE PLD, 7.5 ns, PQCC44 LEAD FREE, PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQFP48 MACH4 ISP EEPLD, SMD, TQFP100, 3.3V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:3.3V; Case style:TQFP / 100; Base number:4; I/O lines, No. of:64; Logic function number:M4; Macrocells, No. RoHS Compliant: Yes EE PLD, 12 ns, PQFP100
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
EP1K30 EP1K100 EP1K30QC208-3 EP1K30QC208-2 EP1K30Q |
From old datasheet system Programmable Logic Family Simple PLD - Datasheet Reference Programmable Logic Device Family
|
ETC[ETC] Altera Corp
|
M5LV-256_104-10VC M5LV-256_104-10VI M5LV-256_104-1 |
7ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 20ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 10ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 12ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 15ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device)
|
LATTICE[Lattice Semiconductor]
|
PAL20R8XX PAL20L8BCNS PAL20L8BCNL PAL20R4A2CNL |
24 pin TTL Programmable Array Logic Fuse-Programmable PLD
|
AMD
|
LC5256MC LC5256MC-4F256C LC5256MC-5F256C LC5256MC- |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD⑩ Family
|
LATTICE[Lattice Semiconductor]
|